PART |
Description |
Maker |
023077-000 342A124 005902-000 342A138 |
TRANSITION, 45 DEGREE TRANSITION, 45 DEGREE
|
Tyco Electronics
|
RT8208BGQW RT8208AGQW RT8208AZQW RT8208BZQW |
Resistor Programmable Output Voltage from 0.75V to 3.3V with Integrated Transition Support Resistor Programmable Output Voltage from 0.75V to 3.3V with Integrated Transition Support
|
Richtek Technology Corporation Richtek Technology Corp...
|
763596-1 408-8339 980311-3 980338-1 994916-1 |
90-Degree Cable Clamp Assembly
|
Tyco Electronics
|
MRF18060B MRF18060BLSR3 MRF18060BR3 MRF18060BSR3 |
HALL EFFFECT LATCH, SMD, SOT23W-3; Temp, op. min:-40(degree C); Temp, op. max:150(degree C); Pins, No. of:3; Case style:SOT-23W; Base number:3282; Bop, max:150G; Termination Type:SMD; Temperature, operating range:-40(degree C) to RoHS Compliant: Yes RF Power Field Effect Transistors
|
Motorola, Inc. MOTOROLA[Motorola, Inc]
|
CM6565 CM6565GIS |
Noise Free 16 pin Self-Start Interleaved PFC with 180 Degree Phase Shift CRM PFC Controller for 90 /85 Noise Free 16 pin Self-Start Interleaved PFC with 180 Degree Phase Shift CRM PFC Controller for 90 /85
|
Champion Microelectronic Corp. Champion Microelectroni...
|
RF3375 RF337XPCBA-41X |
CAPACITOR, 100UF 16VCAPACITOR, 100UF 16V; Capacitance:100uF; Voltage rating, DC:16V; Capacitor dielectric type:; Series:SVP; Temp, op. max:105(degree C); Temp, op. min:-55(degree C); Tolerance, :20%; Tolerance, -:20%; Current, GENERAL PURPOSE AMPLIFIER
|
RF Micro Devices, Inc.
|
1T367 |
SWITCH, FLUSH LATCHING, RED ILLUM; Switch function type:Latching; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-30(degree C); Diameter, panel cut-out:16mm; Depth, external:29.5mm; Colour, LED:Red; RoHS Compliant: Yes UHF band VCO
|
Sony Corporation
|
713-351 |
Y Transition
|
Glenair, Inc.
|
713-353 |
T Transition
|
Glenair, Inc.
|
2810-S |
Sharp Transition to Stopband
|
KR Electronics, Inc.
|
IRS2500 IRS2500S |
TRANSITION MODE PFC CONTROL IC
|
International Rectifier
|